Part Number Hot Search : 
NSG163P GCJ31 XSXR2 AK5365 SIM548 00002 HT12B MA147
Product Description
Full Text Search
 

To Download ABMM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
ABMM1
Pb RoHS Compliant
APPLICATIONS: * Computers, Modems, Microprocessors * Communication, Test equipment * PCMCIA
7.2 x 5.2 x 1.1 mm
|||||||||||||||
FEATURES: * IR reflow capable * Low in height - reduced to 1.1mm * Ideal for thin equipment * AT cut offers a tight tolerance & stability
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Range Operation Mode ABMM1 Series 8.0 MHz to 125 MHz AT (see option) Fundamental 8.0 MHz - 33.0 MHz Third-Overtone for F ~ 33.01 MHz - 125 MHz - 10C to + 60C (see options) - 40C to + 85C 50 ppm max. (see options) 50 ppm max. (see Table 1); 100 ppm / -10 C to + 60 C for Fundamental BT See Table 1 7pF max. 18pF (see options) 500W max., 100W typical 5ppm max. 500Mohms min at 100Vdc 15V
TABLE 1
Frequency (MHz) 8.000 - 11.999(Fund) 12.000 - 19.999(Fund) 20.000 - 33.000(Fund) 33.01 - 125.00(3rd O/T) Custom ESR (ohms) 70 50 40 80
Operating Temperature Storage Temperature Frequency Tolerance at +25C Frequency Stability over the Operating Temp. (Ref to +25C) Equivalent Series Resistance Shunt Capacitance C0 Load Capacitance CL Drive Level Aging at 25C First Year Insulation Resistance
OPTIONS & PART IDENTIFICATION: (Left blank if standard) ABMM1 - Frequency Frequency
-R
-
-
-
-
Packaging
XX.XXXX MHz
Load Capacitance
Please specify CL in pF or S for Series
Operating Temp. 0C ~ +70C E B -20C ~ +70C C -30C ~ +70C N -30C ~ +85C D -40C ~ +85C Freq. Tolerance 1 10 ppm max. 7 15 ppm max. 2 20 ppm max. 3 25 ppm max. 4 30 ppm max.
Blank T
Bulk Tape & Reel
F for Fund. AT>=33MHz FB for Fund BT*
(*) Note: 100ppm max stability from -10C to +60C only.
Mode
RXXX (Value in ).
Custom ESR If it is custom
** -10C TO 60C only *** Temp option E and B only
Freq. Stability 10 ppm max. U** G*** 15 ppm max. X 20 ppm max. W 25 ppm max. Y 30 ppm max. H 35 ppm max.
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 09.19.08 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL CERAMIC SURFACE MOUNT LOW
ABMM1
OUTLINE DRAWING:
Pb RoHS Compliant
7.2 x 5.2 x 1.1 mm
|||||||||||||||
Dimensions: Inches (mm)
TAPE & REEL:
Dimensions: (mm)
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 09.19.08 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ABMM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X